PART |
Description |
Maker |
TA78L07F TA78L05F TA78L06F TA78L08F TA78L10F TA78L |
3-Terminal Positive Voltage Regulators 7V 3-Terminal Positive Voltage Regulators 5V 3-Terminal Positive Voltage Regulators 6V 3-Terminal Positive Voltage Regulators 8V 3-Terminal Positive Voltage Regulators 10V 3-Terminal Positive Voltage Regulators 15V 3-Terminal Positive Voltage Regulators 9V 3-Terminal Positive Voltage Regulators 12V 3-Terminal Positive Voltage Regulators 18V 3-Terminal Positive Voltage Regulators 20V
|
TOSHIBA
|
MC78T05ABT MC78T15ACT MC78T05CD2TR4 MC78T00 MC78T1 |
THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 5 V FIXED POSITIVE REGULATOR, PSSO2 Replaced by PTH05030W,PTH05T210W : 1.3 TO 3.5VOUT 32AMP 5V-INPUT 'SLEDGE HAMMER' PROGRAMMABLE ISR 27-SIP MODULE MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-22 INSERT ARRANGEMENT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. ON Semiconductor
|
MC7808ACT MC7808CT MC7809CT MC7808CTG MC7808CDT MC |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 Analog Outputs; For Use With:Eurotherm 6000 Series Graphical Paperless Recorders SMA R/A PLUG TO JACK RoHS Compliant: Yes 16-A, 4.5-V to 14-V Input, Ceramic Cap Version, Non-Iso, Wide Output Adj, Pwr Module w/TurboTrans 11-DIP MODULE -40 to 85 9 V FIXED POSITIVE REGULATOR, SFM3 30-A, 5.5-V to 14-V Input, Non-Isolated, Wide Output Adjust, Power Module w/ TurboTrans 14-DIP MODULE -40 to 85 8 V FIXED POSITIVE REGULATOR, SFM3 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive vlotage regulators 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO2 1.0A Positive Vlotage Regulators 正电压稳压器1.0 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, PSSO2 16-A, 2.2-V to 5.5-V Input, Ceramic Cap Version, Non-Isolated, Wide-Output, Power Module w/ TurboTra 11-DIP MODULE -40 to 85 15 V FIXED POSITIVE REGULATOR, PSSO2 1.0A positive voltage regulators 12 V FIXED POSITIVE REGULATOR, PSSO2 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 8 V FIXED POSITIVE REGULATOR, PSSO2 3-A, 3.3/5-V Input Adjustable Switching Regulator 5-DIP MODULE -40 to 85 16-A, 2.2-V to 5.5-V Input, Non-Isolated, Wide-Output, Adjustable Power Module with TurboTrans 11-DIP MODULE -40 to 85 2.25 A, 4.5-V to 18-V Input Wide Adjust Miniature Power Module 5-DIP MODULE -40 to 85 30-A, 4.5V to 5.5V Input, Non-Isolated, Wide Output Adjustable Power Module with TurboTrans 14-DIP MODULE -40 to 85
|
http:// Rectron Semiconductor
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
0202XC62RP XC62RP3002TB XC62RP3002TH XC62RP3002TL |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 POSITIVE VOLTAGE REGULATORS FOR VOLTAGE REFRENCE SOURCE
|
Torex Semiconductor, Ltd. TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
LD1117DT12C LD1117S33 LD1117S33C LD1117S30 LD1117S |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
LM323T LM323A LM323AT ON0309 |
From old datasheet system 3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS 3-AMPERE 5 VOLT POSITIVE VOLTAGE REGULATORS 3-AMPERE/ 5 VOLT POSITIVE VOLTAGE REGULATORS
|
Motorola ONSEMI[ON Semiconductor]
|
XC6202PC02 XC6202 |
5.0 AMP POSITIVE VOLTAGE REGULATOR (High Voltage) Positive Voltage Regulators
|
TOREX SEMICONDUCTOR LTD. http://
|
MC78L05AA MC78L05AACP MC78L05ACD MC78L05ACH MC78L0 |
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS Search --To LM78L05ACZ 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSSO3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild semiconductors http:// Fairchild Semiconductor, Corp.
|